PART |
Description |
Maker |
BK/S505-3.15A |
FUSE 3.15A 250V T-LAG CERM S505 TIME DELAY BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
46202500000 46205000000 |
250V/350V VAC/VDC Time Lag Fuse
|
Littelfuse
|
2010.0013 |
Miniature Telecom fuse available in 10 piece blisterTape; Voltage Rating: 250V; Current Rating: 0.4A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
SCHURTER AG
|
0683-0630-01 |
TYPE UMTS,250V UMF SQUARE CEREMIC SURFACE MOUNT TIME LAG FUSE
|
Bel Fuse Inc.
|
Z8004-PS Z8003-PS Z8003B-PS |
16-Bit Microprocessor FUSE 250V IEC FA LBC 5X20 15A 16位微处理
|
NEC, Corp.
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
215200 215025 217040 217040P 215800 215400 215250 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
4301.5044 4301.5041 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Plug removal necessary for fuse-link replacement; IEC/EN 60950 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, PLUG Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 1A; Terminal Type: Quick Connect Tabs; Plug removal necessary for fuse-link replacement; IEC/EN 60950 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, PLUG
|
SCHURTER AG
|
UMTS250 UMTS3.15 UMTS315 UMTS200 UMTS1 UMTS1.25 UM |
Square Ceramic Surface Mount Time Lag Fuse TIME LAG BLOW ELECTRIC FUSE, 5A, 350VAC, 100A (IR), SURFACE MOUNT Square Ceramic Surface Mount Time Lag Fuse
|
Bel Fuse Inc.
|
218005P |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
http://
|